Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 6Page - Renesas Technology Corp 7481 Datasheet HTML 7Page - Renesas Technology Corp 7481 Datasheet HTML 8Page - Renesas Technology Corp 7481 Datasheet HTML 9Page - Renesas Technology Corp 7481 Datasheet HTML 10Page - Renesas Technology Corp 7481 Datasheet HTML 11Page - Renesas Technology Corp 7481 Datasheet HTML 12Page - Renesas Technology Corp 7481 Datasheet HTML 13Page - Renesas Technology Corp 7481 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
9
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
VCC, VSS
AVSS
VREF
_____
RESET
P00 – P07
P10 – P17
PIN DESCRIPTION
Table 3. Pin description
Clock input
Clock output
XIN
XOUT
Input
Output
Input
Input
I/O
I/O
Power source
Analog power
source input
Reference voltage
input
Reset input
I/O port P0
I/O port P1
P20 – P27
Apply a voltage of 2.7 to 5.5 V to VCC and 0 V to VSS.
Ground level input pin for A-D converter. Apply the same voltage as Vss. (This
pin is for 44P6N-A package only.)
Reference voltage input pin for A-D converter. (When the A-D converter is not
used, connect it to VCC.)
Reset input pin active “L”.
These are I/O pins for the internal clock generating circuit of the main clock. To
control the generating frequency, an external ceramic is connected between
the XIN and XOUT pins. If an external clock is used, the clock source should be
connected to the XIN pin, and the XOUT pin should be left open. The feedback
resistor is connected between XIN and XOUT.
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistors can be connected in
units of 1 bit, and a key-on wake-up function is provided.
8-bit I/O port. The output structure is CMOS output.
When this port is selected for input, pull-up transistors can be connected in
units of 4 bits. P12 and P13 are in common with timer output pins T0 and T1.
P14, P15, P16 and P17 are in common with serial I/O pins RXD, TXD, SCLK and
____
SRDY, respectively.
8-bit input port. (Only 4 bits of P20 to P23 for the 7480 group) or analog input
pins IN0 to IN7 (IN0 to IN3 for the 7480 group).
Input port P2
Input
4-bit input port. P30 and P31 can be configured to serve as external interrupt
input pins INT0 and INT1.
4-bit I/O port. (2 bits of P40 and P41 for the 7480 group). The output structure
is N-channel open drain output, having a built-in clamp diode. P40 and P41 can
be configured to serve as timer I/O pins CNTR0 and CNTR1.
4-bit I/O port. (This port is not included in the 7480 group.) The output structure
is N-channel open drain output, having built-in clamp diodes.
P30 – P33
Input port P3
P40 – P43
P50 – P53
I/O port P4
I/O port P5
I/O
I/O
Input
Pin
Name
Functions
Input/
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com