Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7481 Datasheet HTML 1Page - Renesas Technology Corp 7481 Datasheet HTML 2Page - Renesas Technology Corp 7481 Datasheet HTML 3Page - Renesas Technology Corp 7481 Datasheet HTML 4Page - Renesas Technology Corp 7481 Datasheet HTML 5Page - Renesas Technology Corp 7481 Datasheet HTML 6Page - Renesas Technology Corp 7481 Datasheet HTML 7Page - Renesas Technology Corp 7481 Datasheet HTML 8Page - Renesas Technology Corp 7481 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
DESCRIPTION
The 7480/7481 group is the single-chip microcomputer adopting
the silicon gate CMOS process. In addition to its simple instruction
set, the ROM, RAM, and I/O addresses are placed in the same
memory space.
Having built-in serial I/O, A-D converter, and watchdog timer, this
single-chip microcomputer is useful for control of automobiles, of-
fice automation equipment and home electric appliances.
The 7480/7481 group includes multiple types which differ in the
memory type, size, and package.
FEATURES
qNumber of basic machine language instructions ..................... 71
qMinimum instruction execution time ................................... 0.5 µs
(at 8 MHz clock input oscillation frequency)
qMemory size ROM ........................................... 4 K to 16 K bytes
RAM ............................................ 128 to 448 bytes
qProgrammable I/O ports .................................... 18 (7480 group)
(P0, P1, P4, P5)
24 (7481 group)
qInput ports ............................................................ 8 (7480 group)
(P2, P3)
12 (7481 group)
qBuilt-in programmable pull-up transistors (P0, P1)
qBuilt-in clamp diodes ............................................ 2 (7480 group)
(P4, P5)
8 (7481 group)
qInterrupt ................................................... 14 sources, 13 vectors
qTimer X, Y ..................................................................... 16-bit ! 2
qTimer 1, 2 ....................................................................... 8-bit ! 2
qSerial I/O ....................... 8-bit x 1 (UART or clock-synchronized)
qA-D converter ............................ 8-bit x 4 channels (7480 group)
8-bit x 8 channels (7481 group)
qBuilt-in watchdog timer
qPower source voltage ................................................ 2.7 to 4.5 V
(at [2.2 VCC-2] MHz clock input oscillation frequency)
4.5 to 5.5 V
(at 8 MHz clock input oscillation frequency)
qPower dissipation .............................................................. 35 mW
(at 8 MHz clock input oscillation frequency and 5 V power
source voltage)
APPLICATIONS
Automobiles, office automation equipment, home electric appli-
ances, etc.
Fig. 1 Pin configuration (top view)
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
Outline 32P4B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
Outline 32P2W-A
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com