Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 42Page - Renesas Technology Corp 7481 Datasheet HTML 43Page - Renesas Technology Corp 7481 Datasheet HTML 44Page - Renesas Technology Corp 7481 Datasheet HTML 45Page - Renesas Technology Corp 7481 Datasheet HTML 46Page - Renesas Technology Corp 7481 Datasheet HTML 47Page - Renesas Technology Corp 7481 Datasheet HTML 48Page - Renesas Technology Corp 7481 Datasheet HTML 49Page - Renesas Technology Corp 7481 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
45
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 49 Internal state of microcomputer at reset
: At reset release, the read value is undefined.
000 0
Contents of address FFFF16
Address
1
( 1 )
Port P0 direction register (P0D)
(C116) • • •
Contents of address FFFE16
( 2 )
Port P1 direction register (P1D)
(C316) • • •
( 4 )
Port P5 direction register (P5D)
(CB16) • • •
( 5 )
Port P0 pull-up control register (P0PCON)
(D016) • • •
( 6 )
Port P1 pull-up control register (P1PCON)
(D116) • • •
( 8 ) Edge polarity selection register (EG)
(D416) • • •
( 9 )
A-D control register (ADCON)
(D916) • • •
(22)
Timer Y mode register (TYM)
(F7 16) • • •
(23)
Timer XY control register (TXYCON)
(F816) • • •
(24)
Timer 1 mode register (T1M)
(F916) • • •
(25)
Timer 2 mode register (T2M)
(FA16) • • •
(26)
CPU mode register (CPUM)
(FB 16) • • •
(27)
Interrupt request register 1 (IREQ1)
(FC 16) • • •
(28)
Interrupt request register 2 (IREQ2)
(FD 16) • • •
(29)
Interrupt control register 1 (ICON1)
(FE 16) • • •
(30)
Interrupt control register 2 (ICON2)
(FF 16) • • •
(31)
Program counter (PC H)
(32)
Processor status register (PS)
( 3 )
16
) • • •
(10)
STP instruction operation control register (STPCON)
(DE16) • • •
(11)
Serial I/O status register (SIOSTS)
(E116) • • •
(12)
Serial I/O control register (SIOCON)
(E216) • • •
(13)
UART control register (UARTCON)
(E3 16) • • •
(15)
Watchdog timer H (WDTH)
(EF16) • • •
(21)
Timer X mode register (TXM)
(F6 16) • • •
(PCL)
00 00
0
0
10
00 0 0
1 1 11
( 7 ) Port P4P5 input control register (P4P5CON)
(D216) • • •
(14)
Bus collision detection control register (BUSARBCON)
(E516) • • •
000 0
FF16
1
0
0
0 0 000
11
000 0 00
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
00
(20)
Timer 1 (T1)
(F4 16) • • •
(19)
Timer Y high-order (TYH)
(F3 16) • • •
FF16
FF16
(18)
Timer Y low-order (TYL)
(F2 16) • • •
(17)
Timer X high-order (TXH)
(F1 16) • • •
FF16
FF16
(16)
Timer X low-order (TXL)
(F0 16) • • •
FF16
0016
00 00
0
100 0
0
Note : Some kinds of microcomputers do not use some of these bits. Refer to the structure of each register.
00
00 0
000 0
000 0
b7
b0
Port P4 direction register (P4D)
(C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com