Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7481 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 25Page - Renesas Technology Corp 7481 Datasheet HTML 26Page - Renesas Technology Corp 7481 Datasheet HTML 27Page - Renesas Technology Corp 7481 Datasheet HTML 28Page - Renesas Technology Corp 7481 Datasheet HTML 29Page - Renesas Technology Corp 7481 Datasheet HTML 30Page - Renesas Technology Corp 7481 Datasheet HTML 31Page - Renesas Technology Corp 7481 Datasheet HTML 32Page - Renesas Technology Corp 7481 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
28
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 23 Timing diagram in programmable waveform generation mode (when trigger selection bit = “1”)
Fig. 24 Timing diagram in programmable one-shot output mode
TR
FFFF16
000016
L : Initial value of TL H, TLL
TR : Timer interrupt request
CNTR : CNTR 0/CNTR1 interrupt request
Output waveform
from CNTR0/CNTR1 pin
T3
T3
T2
T1
L
TR
TR
TR
L
T1
T2
Input signal from
INT0/INT1 pin
(CNTR polarity selection bit “0” : falling edge active)
CNTR
CNTR
FFFF16
000016
L : One-shot pulse width
TR : Timer interrupt request
CNTR : CNTR 0/CNTR1 interrupt request
Output waveform
from CNTR0/
CNTR1 pin
L
TR
TR
TR
L
L
L
Input signal from
INT0/INT1 pin
(CNTR polarity selection bit “0” : falling edge active)
CNTR
CNTR
CNTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com