Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495 Datasheet (PDF) - STMicroelectronics

TDA7495 Datasheet PDF - STMicroelectronics
Part # TDA7495
Download  TDA7495 Download
File Size   226.35 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 11W11W AMPLIFIER WITH DC VOLUME CONTROL

TDA7495 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7495 Datasheet PDF - STMicroelectronics

Part # TDA7495
Download  TDA7495 Click to download

File Size   226.35 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 11W11W AMPLIFIER WITH DC VOLUME CONTROL

TDA7495 Datasheet (HTML) - STMicroelectronics


TDA7495 Product details

DESCRIPTION

The TDA7496SA is a stereo 5+5W class AB power amplifier assembled i the @Clipwatt 15 package, specially designed for high quality sound TV applications.

Features of the TDA7496SA include linear volume control Stand-by and Mute functions. The TDA7496SA is pin to pin compatible with TDA7496, TDA7496S, TDA7496SA, TDA7495, TDA7495SA, TDA7494S, TDA7494SA.



■ 5+5W OUTPUT POWER

   RL = 8Ω @THD = 10% VCC = 22V

■ ST-BY AND MUTE FUNCTIONS

■ LOW TURN-ON TURN-OFF POP NOISE

■ LINEAR VOLUME CONTROL DC COUPLED WITH POWER OP. AMP.

■ NO BOUCHEROT CELL

■ NO ST_BY RC INPUT NETWORK

■ SINGLE SUPPLY RANGING UP TO 35V

■ SHORT CIRCUIT PROTECTION

■ THERMAL OVERLOAD PROTECTION

■ INTERNALLY FIXED GAIN

■ SOFT CLIPPING

■ VARIABLE OUTPUT AFTER VOLUME CONTROL CIRCUIT

■ CLIPWATT 15 PACKAGE



 




Similar Part No. - TDA7495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495 STMICROELECTRONICS-TDA7495 Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
More results


Similar Description - TDA7495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S_04 Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
XFMRS Inc.
XF1556-EP13S XFMRS-XF1556-EP13S Datasheet
55Kb / 1P
11W POE TRANSFORMER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com