Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7495
Description  11W11W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7495 Datasheet HTML 1Page - STMicroelectronics TDA7495 Datasheet HTML 2Page - STMicroelectronics TDA7495 Datasheet HTML 3Page - STMicroelectronics TDA7495 Datasheet HTML 4Page - STMicroelectronics TDA7495 Datasheet HTML 5Page - STMicroelectronics TDA7495 Datasheet HTML 6Page - STMicroelectronics TDA7495 Datasheet HTML 7Page - STMicroelectronics TDA7495 Datasheet HTML 8Page - STMicroelectronics TDA7495 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 70°C)
20
W
Tamb
Ambient Operating Temperature (1)
-20 to 85
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
V3
Volume CTRL DC voltage
7
V
(1) Operation between -20 to 85 °C guaranteed by correlation with 0 to 70°C.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ. = 2
Max. = 2.8
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max
35
°C/W
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D96AU441B
PIN CONNECTION (Top view)
ELECTRICAL CHARACTERISTICS (Refer to the test circuit VS = 20V; RL = 8
Ω, Rg = 50Ω, Tamb = 25°C).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
11
35
V
Iq
Total Quiescent Current
70
100
mA
DCVOS
Output DC Offset Referred to
SVR Potenial
No Input Signal
-650
650
mV
VO
Quiescent Output Voltage
10
V
PO
Output Power
THD = 10%; RL = 8
Ω; VS = 28V
9.5
11
W
THD = 1%; RL = 8
Ω; VS = 28V
7.5
8
W
THD = 10%; RL = 4
Ω; VCC = 20V
7
8
W
THD = 1%; RL = 4
Ω; VCC = 20V
5
6
W
THD = 10%; RL = 8
Ω; VCC = 18V
3.5
3.8
W
THD = 1%; RL = 8
Ω; VCC = 18V
2.6
2.9
W
TDA7495
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com