Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7495
Description  11W11W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7495 Datasheet HTML 1Page - STMicroelectronics TDA7495 Datasheet HTML 2Page - STMicroelectronics TDA7495 Datasheet HTML 3Page - STMicroelectronics TDA7495 Datasheet HTML 4Page - STMicroelectronics TDA7495 Datasheet HTML 5Page - STMicroelectronics TDA7495 Datasheet HTML 6Page - STMicroelectronics TDA7495 Datasheet HTML 7Page - STMicroelectronics TDA7495 Datasheet HTML 8Page - STMicroelectronics TDA7495 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA7495
11W+11W AMPLIFIER WITH DC VOLUME CONTROL
11+11W OUTPUT POWER
RL = 8
Ω @THD = 10% VCC = 28V
ST-BY AND MUTE FUNCTIONS
LOW TURN-ON TURN-OFF POP NOISE
LINEAR VOLUME CONTROL DC COUPLED
WITH POWER OP. AMP.
NO BOUCHEROT CELL
NO ST-BY RC INPUT NETWORK
SINGLE SUPPLY RANGING UP TO 35V
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
INTERNALLY FIXED GAIN
SOFT CLIPPING
VARIABLE OUTPUT AFTER VOLUME CON-
TROL CIRCUIT
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7495 is a stereo 11+11W class AB
power amplifier assembled in the @ Multiwatt 15
package, specially designed for high quality
sound, TV applications.
Features of the TDA7495 include linear volume
control, Stand-by and mute functions.
February 1997
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
470nF
INR
30K
VOLUME
OP AMP
+
-
30K
1000
µF
1000
µF
1
µF
10K
5
470nF
INL
8
S_GND
2
14
9
10
12
34
300K
100nF
VOLUME
VAROUT_L
OUTR
STBY
MUTE
OUTL
11
PW_GND
470
µF
SVR
7
D96AU440B
VS
VAROUT_R
PW_GND
15
13
+5V
S1 ST-BY
+5V
S2 MUTE
+5V
S_GND
60K
BLOCK AND APPLICATION DIAGRAM
Multiwatt15
ORDERING NUMBER: TDA7495
MULTIPOWER BI50II TECHNOLOGY
1/12


Similar Part No. - TDA7495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495 STMICROELECTRONICS-TDA7495 Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
More results

Similar Description - TDA7495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S_04 Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
XFMRS Inc.
XF1556-EP13S XFMRS-XF1556-EP13S Datasheet
55Kb / 1P
11W POE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com