Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7495
Description  11W11W AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7495 Datasheet HTML 2Page - STMicroelectronics TDA7495 Datasheet HTML 3Page - STMicroelectronics TDA7495 Datasheet HTML 4Page - STMicroelectronics TDA7495 Datasheet HTML 5Page - STMicroelectronics TDA7495 Datasheet HTML 6Page - STMicroelectronics TDA7495 Datasheet HTML 7Page - STMicroelectronics TDA7495 Datasheet HTML 8Page - STMicroelectronics TDA7495 Datasheet HTML 9Page - STMicroelectronics TDA7495 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
D97AU561
10
12
14
16
18
20
22
24 VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
RL=4Ω
d=10%
d=1%
Figure 4: Output Power vs Supply Voltage
0.0
1.0
2.0
3.0
4.0 Vpin#3(V)
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
Gain
(dB)
D97AU563
POUT=1W
Figure 6: gain vs Volume Control (pin #3)
0
1
2
3
4 Vpin#9(V)
-120
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU565
0dB=1W
Figure 8: Stand-by Attenuation vs Vpin #9
02
4
6
POUT(W)
0.01
0.1
1
d
(%)
D97AU562
f=15KHz
VS=20V
RL=4Ω
f=1KHz
Figure 5: Distortion vs Output Power
01234 Vpin#10(V)
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU566
0dB=1W
Figure 9: Mute Attenuation vs V pin #10
20
100
1K
f(Hz)
-100
-80
-60
-40
-20
SVR
(dB)
D97AU564
VRIP=1VRMS
MAX VOLUME
MAX ATTENUATION
Figure 7: Supply Voltage vs Frequency
TDA7495
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com