Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet (PDF) - Analog Devices

AD8366 Datasheet PDF - Analog Devices
Part # AD8366
Download  AD8366 Download
File Size   368.51 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 500 MHz, Dual Digital Gain Trim Amplifier

AD8366 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8366 Datasheet PDF - Analog Devices

Part # AD8366
Download  AD8366 Click to download

File Size   368.51 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 500 MHz, Dual Digital Gain Trim Amplifier

AD8366 Datasheet (HTML) - Analog Devices


AD8366 Product details

GENERAL DESCRIPTION
The AD8366 is a matched pair of fully differential, low noise and low distortion, digitally programmable variable gain amplifiers (VGAs). The gain of each amplifier can be programmed separately or simultaneously over a range of 4.5 dB to 20.25 dB in steps of 0.25 dB. The amplifier offers flat frequency performance from dc to 70 MHz, independent of gain code.

FEATURES
   Matched pair of differential, digitally controlled VGAs
   Gain range: 4.5 dB to 20.25 dB
   0.25 dB gain step size
   Operating frequency
      DC to 150 MHz (2 V p-p)
      3 dB bandwidth: 600 MHz
   Noise figure (NF)
      11.4 dB at 10 MHz at maximum gain
      18 dB at 10 MHz at minimum gain
   OIP3: 45 dBm at 10 MHz
   HD2/HD3
      Better than −90 dBc for 2 V p-p output at 10 MHz at
         maximum gain
   Differential input and output
   Adjustable output common-mode
   Optional dc output offset correction
   Serial/parallel mode gain control
   Power-down feature
   Single 5 V supply operation

APPLICATIONS
   Baseband I/Q receivers
   Diversity receivers
   Wideband ADC drivers




Similar Part No. - AD8366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8366 AD-AD8366 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366 AD-AD8366 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
More results


Similar Description - AD8366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
Gain Trim Amplifier (GTA)
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
500-2700 MHz Variable Gain Amplifier
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Analog Devices
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com