Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 3 Page - Analog Devices

  AD8366 Datasheet HTML 1Page - Analog Devices AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Technical Data
AD8366
Rev. PrC | Page 3 of 13
SPECIFICATIONS
VS. = 5 V, T = 25°C, Z = 200 Ω, Z = 200 Ω, f = 10 MHz, unless otherwise noted
A
s
L
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
3dB; all gain codes
1000
MHz
1dB; all gain codes
250
MHz
Slew Rate
Max. Gain
TBD
V/ns
Min. Gain
TBD
V/ns
INPUT STAGE
IPPA, IPMA, IPPB, IPMB
Maximum Input Swing
At minimum gain Av=4.5dB
3.2
Vp-p
Differential Input Impedance
200
Ώ
Input Common Mode Range
1Vp-p Input
TBD
TBD
V
Input pins left floating
Vps/2
GAIN
Voltage Gain Range
4.5
20.5
dB
Gain Step Size
All gain codes
0.25
dB
0.1dB Gain Flatness
Max. Gain
150
MHz
Mismatch
Channels A and B at same gain code
+/-
0.05dB
dB
Group Delay Flatness
All gain codes, 20% frac. bandwidth, fc<100MHz
<0.5
ns
Mismatch
Channels A and B at same gain code
2
ps
Gain Step Response
Max. gain to Min. gain
TBD
ns
Min. gain to Max gain
TBD
ns
Common-mode Rejection Ratio
TBD
dB
OUTPUT STAGE
OPPA, OPMA, OPPB, OPMB, VCMA, VCMB
Maximum Output Swing
At maximum gain, Av=20.5dB
6
Vp-p
Differential Output Impedance
30
Ώ
Output DC offset
Inputs Shorted, offset loop disabled
-15
TBD
-4
mV
Output Common Mode Range
1Vp-p output
1.2
3.4
V
VCMA and VCMB left floating
Vps/2
V
Common-Mode Setpoint Input
Impedance
4
kΏ
NOISE/DISTORTION
10 MHz
Noise Figure
Max Gain
10.5
dB
Min Gain
18
dB
2nd Harmonic
2 Vp-p output, Max Gain, ZL=500Ώ
88
dBc
2 Vp-p output, Min Gain, ZL=500Ώ
88
dBc
3rd Harmonic
2 Vp-p output, Max Gain, ZL=500Ώ
92
dBc
2 Vp-p output, Min Gain, ZL=500Ώ
85
dBc
OIP3
2 V p-p composite, Max. Gain, ZL=200Ώ
36
dBVrms
2 V p-p composite, Min. Gain, ZL= 200Ώ
35
dBVrms
Output 1 dB Compression Point
Max. gain, ZL=500Ώ
7
dBVrms
Min. Gain, ZL=500Ώ
6.9
dBVrms
50 MHz
Noise Figure
Max Gain
11.2
dB
Min Gain
18.5
dB
2nd Harmonic
2 Vp-p output , Max Gain
TBD
dBc
Min Gain
TBD
dBc
3rd Harmonic
2 V p-p output, Max Gain
TBD
dBc
Min Gain
TBD
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com