Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices AD8366 Datasheet HTML 12Page - Analog Devices AD8366 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD8366
Preliminary Technical Data
Rev. PrC | Page 12 of 13
PARALLEL AND SERIAL INTERFACE TIMING
1
0
1
0
1
0
t0
t1
t3
t2
LOAD DATA INTO
SERIAL REGISTER
ON RISING EDGE.
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL LATCHES
ON LE FALLING EDGE.
B-LSB
B-MSB
CS
SCLK
SDATA
A-LSB
t4
A-MSB
1
0
SENB
Figure 11. SPI Port Timing Diagram
GAIN A
GAIN B
GAIN A/B
X
X
X
X
1
0
BIT[0-6]
1
0
DENA
1
0
DENB
1
0
SENB
PROGRAM A ONLY
PROGRAM B ONLY
PROGRAM A AND B
t1
t2
t0
t3
Figure 12. Parallel Port Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com