Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices AD8366 Datasheet HTML 12Page - Analog Devices AD8366 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Preliminary Technical Data
AD8366
Rev. PrC | Page 13 of 13
PR07584-0-6/08(PrC)
OUTLINE DIMENSIONS
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 x 5 mm Body, Very Thin Quad
(CP-32-4)
Dimensions shown in millimeters
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
25
32 1
24
PIN 1
INDICATOR
0.50
BSC
EXPOSED
3.65
PAD
3.50 SQ
(BOTTOM VIEW)
3.35
0.50
0.40
17
8
16
9
0.30
0.25 MIN
3.50 REF
0.80 MAX
0.05 MAX
1.00
0.02 NOM
0.85
0.30
0.23
0.20 REF
0.65 TYP
12° MAX
SEATING
COPLANARITY
0.80
0.08
PLANE
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
Figure 13. Outline Dimensions.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8366-EVALZ
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com