Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet (PDF) - Analog Devices

AD8366 Datasheet PDF - Analog Devices
Part # AD8366
Download  AD8366 Download
File Size   894.98 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 600 MHz, Dual-Digital Variable Gain Amplifiers

AD8366 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8366 Datasheet PDF - Analog Devices

Part # AD8366
Download  AD8366 Click to download

File Size   894.98 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 600 MHz, Dual-Digital Variable Gain Amplifiers

AD8366 Datasheet (HTML) - Analog Devices


AD8366 Product details

GENERAL DESCRIPTION
The AD8366 is a matched pair of fully differential, low noise and low distortion, digitally programmable variable gain amplifiers (VGAs). The gain of each amplifier can be programmed separately or simultaneously over a range of 4.5 dB to 20.25 dB in steps of 0.25 dB. The amplifier offers flat frequency performance from dc to 70 MHz, independent of gain code.

FEATURES
   Matched pair of differential, digitally controlled VGAs
   Gain range: 4.5 dB to 20.25 dB
   0.25 dB gain step size
   Operating frequency
      DC to 150 MHz (2 V p-p)
      3 dB bandwidth: 600 MHz
   Noise figure (NF)
      11.4 dB at 10 MHz at maximum gain
      18 dB at 10 MHz at minimum gain
   OIP3: 45 dBm at 10 MHz
   HD2/HD3
      Better than −90 dBc for 2 V p-p output at 10 MHz at
         maximum gain
   Differential input and output
   Adjustable output common-mode
   Optional dc output offset correction
   Serial/parallel mode gain control
   Power-down feature
   Single 5 V supply operation

APPLICATIONS
   Baseband I/Q receivers
   Diversity receivers
   Wideband ADC drivers




Similar Part No. - AD8366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8366 AD-AD8366 Datasheet
368Kb / 13P
DC to 500 MHz, Dual Digital Gain Trim Amplifier
Rev. PrC
AD8366 AD-AD8366 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
368Kb / 13P
DC to 500 MHz, Dual Digital Gain Trim Amplifier
Rev. PrC
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
More results


Similar Description - AD8366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
logo
Texas Instruments
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com