Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8366
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 4 Page - Analog Devices

  AD8366 Datasheet HTML 1Page - Analog Devices AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8366
Rev. A | Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
10 MHz
Noise Figure
Maximum gain
11.4
dB
Minimum gain
18
dB
Second Harmonic
2 V p-p output, maximum gain
−97
dBc
2 V p-p output, minimum gain
−96
dBc
Third Harmonic
2 V p-p output, maximum gain
−97
dBc
2 V p-p output, minimum gain
−90
dBc
OIP31
2 V p-p composite, maximum gain
38
dBVrms
2 V p-p composite, minimum gain
36
dBVrms
OIP21
2 V p-p composite, maximum gain
72
dBVrms
2 V p-p composite, minimum gain
76
dBVrms
Output 1 dB Compression Point1
Maximum gain
7
dBVrms
Minimum gain
6.7
dBVrms
50 MHz
Noise Figure
Maximum gain
11.8
dB
Minimum gain
18.2
dB
Second Harmonic
2 V p-p output, maximum gain
−82
dBc
2 V p-p output, minimum gain
−84
dBc
Third Harmonic
2 V p-p output, maximum gain
−80
dBc
2 V p-p output, minimum gain
−71
dBc
OIP31
2 V p-p composite, maximum gain
32
dBVrms
2 V p-p composite, minimum gain
26
dBVrms
OIP21
2 V p-p composite, maximum gain
71
dBVrms
2 V p-p composite, minimum gain
78
dBVrms
Output 1 dB Compression Point1
Maximum gain
6.7
dBVrms
Minimum gain
6.7
dBVrms
DIGITAL LOGIC
SENB, DENA, DENB, BIT0, BIT1, BIT2, BIT3, BIT4, BIT5
Input High Voltage, VINH
2.2
V
Input Low Voltage, VINL
1.2
V
Input Capacitance, CIN
1
pF
Input Resistance, RIN
50
kΩ
SPI INTERFACE TIMING
SENB = high
fSCLK
Serial clock frequency (maximum)
44.4
MHz
t1
CS rising edge to first SCLK rising edge (minimum)
7.5
ns
t2
SCLK high pulse width (minimum)
7.5
ns
t3
SCLK low pulse width (minimum)
15
ns
t4
SCLK falling edge to CS low (minimum)
7.5
ns
t5
SDAT setup time (minimum)
7.5
ns
t6
SDAT hold time (minimum)
15
ns
PARALLEL PORT TIMING
SENB = low
t7
DENA/DENB high pulse width (minimum)
7.5
ns
t8
DENA/DENB low pulse width (minimum)
15
ns
t9
BITx setup time (minimum)
7.5
ns
t10
BITx hold time (minimum)
7.5
ns
POWER AND ENABLE
VPSIA, VPSIB, VPSOA, VPSOB, ICOM, OCOM, ENBL
Supply Voltage Range
4.75
5.25
V
Total Supply Current
ENBL = 5 V
180
mA
Disable Current
ENBL = 0 V
3.2
mA
Disable Threshold
1.65
V
Enable Response Time
Delay following high-to-low transition until device
meets full specifications
150
ns
Disable Response Time
Delay following low-to-high transition until device
produces full attenuation
3
μs
1 To convert to dBm for a 200 Ω load impedance, add 7 dB to the dBVrms value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com