Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8366
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices AD8366 Datasheet HTML 12Page - Analog Devices AD8366 Datasheet HTML 13Page - Analog Devices AD8366 Datasheet HTML 14Page - Analog Devices AD8366 Datasheet HTML 15Page - Analog Devices AD8366 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8366
Rev. A | Page 12 of 28
100
120
140
160
180
200
220
240
260
280
300
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
TA = +85°C
TA = +25°C
TA = –40°C
Figure 29. Supply Current vs. Gain Code at 10 MHz
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
CHANNEL B, FREQUENCY = 0.5MHz
CHANNEL A, FREQUENCY = 0.5MHz
CHANNEL B, FREQUENCY = 3MHz
CHANNEL A, FREQUENCY = 3MHz
CHANNEL B, FREQUENCY = 10MHz
CHANNEL A, FREQUENCY = 10MHz
CHANNEL B, FREQUENCY = 50MHz
CHANNEL A, FREQUENCY = 50MHz
Figure 30. Noise Figure vs. Gain Code at 0.5 MHz, 3 MHz, 10 MHz, and 50 MHz
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
180
190
200
210
220
230
240
250
260
270
280
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
CHANNEL A: RIN, GAIN CODE 0
CHANNEL A: RIN, GAIN CODE 32
CHANNEL A: RIN, GAIN CODE 63
CHANNEL A: RIN, GAIN CODE 0
CHANNEL B: RIN, GAIN CODE 32
CHANNEL B: RIN, GAIN CODE 63
CHANNEL A: CIN, GAIN CODE 0
CHANNEL A: CIN, GAIN CODE 63
CHANNEL B: CIN, GAIN CODE 32
CHANNEL A: CIN, GAIN CODE 32
CHANNEL B: CIN, GAIN CODE 0
CHANNEL B: CIN, GAIN CODE 63
Figure 31. Differential Parallel Input Resistance and Capacitance vs.
Frequency
10
15
20
25
30
35
40
45
50
55
60
0.1
1
10
100
1000
FREQUENCY (kHz)
CHANNEL A
CHANNEL B
GAIN CODE 63
GAIN CODE 47
GAIN CODE 48
GAIN CODE 31
GAIN CODE 32
GAIN CODE 15
GAIN CODE 16
GAIN CODE 0
Figure 32. Noise Spectral Density vs. Frequency
10
12
14
16
18
20
22
24
26
28
30
CHANNEL A
CHANNEL B
0.1
1
10
100
1000
FREQUENCY (kHz)
GAIN CODE 0
GAIN CODE 15
GAIN CODE 16
GAIN CODE 31
GAIN CODE 32
GAIN CODE 47
GAIN CODE 48
GAIN CODE 63
Figure 33. Noise Figure vs. Frequency
4.5
4.8
5.1
5.4
5.7
6.0
6.3
6.6
6.9
7.2
7.5
10
13
16
19
22
25
28
31
34
37
40
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
CHANNEL A: ROUT, GAIN CODE 0
CHANNEL A: ROUT, GAIN CODE 32
CHANNEL A: ROUT, GAIN CODE 63
CHANNEL B: ROUT, GAIN CODE 32
CHANNEL A: LOUT, GAIN CODE 0
CHANNEL A: LOUT, GAIN CODE 63
CHANNEL B: LOUT, GAIN CODE 32
CHANNEL A: LOUT, GAIN CODE 32
CHANNEL B: LOUT, GAIN CODE 0
CHANNEL B: LOUT, GAIN CODE 63
CHANNEL A: ROUT, GAIN CODE 0
CHANNEL B: ROUT, GAIN CODE 63
Figure 34. Differential Series Output Resistance and Inductance vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com