Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8366 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8366
Description  DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices AD8366 Datasheet HTML 12Page - Analog Devices AD8366 Datasheet HTML 13Page - Analog Devices AD8366 Datasheet HTML 14Page - Analog Devices AD8366 Datasheet HTML 15Page - Analog Devices AD8366 Datasheet HTML 16Page - Analog Devices AD8366 Datasheet HTML 17Page - Analog Devices AD8366 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8366
Rev. A | Page 14 of 28
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
–5
–4
–3
–2
–1
0
12345
TIME (ns)
10pF
0pF
Figure 41. Large Signal Pulse Response, Gain Code 0, Input Signal 1.2 V p-p,
0 pF and 10 pF Capacitive Loading Conditions
ΩΩ
5GS/s
100k pts
A CH1
1.60V
2
1
CH1 1V
CH2 100mV
M1µs
T
4.02µs
Figure 42. ENBL Time Domain Response
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0.1
1
10
100
1000
Figure 43. Reverse Isolation (S12) vs. Frequency
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–5
–4
–3
–2
–1
01
2345
TIME (ns)
10pF
0pF
Figure 44. Large Signal Pulse Response, Gain Code 63, Input Signal 240 mV p-p,
0 pF and 10 pF Capacitive Loading Conditions
CH3 50mV
CH4 1V
ΩΩ
M 200ns 250MS/s
4.0ns/pt
A CH4
2.48V
3
Figure 45. Gain Step Time Domain Response, Minimum-to-Maximum Gain
(Time Scale 200 ns/division), CH4 = Digital Control Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com