Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9737ETG+ Datasheet (PDF) - Maxim Integrated Products

MAX9737ETG+ Datasheet PDF - Maxim Integrated Products
Part # MAX9737ETG+
Download  MAX9737ETG+ Download
File Size   347.48 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 7W Class D Amplifier

MAX9737ETG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9737ETG+ Datasheet PDF - Maxim Integrated Products

Part # MAX9737ETG+
Download  MAX9737ETG+ Click to download

File Size   347.48 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 7W Class D Amplifier

MAX9737ETG+ Datasheet (HTML) - Maxim Integrated Products


MAX9737ETG+ Product details

General Description
The MAX9737 mono 7W Class D amplifier provides a high-performance, thermally efficient amplifier solution that offers up to 88% efficiency at a 12V supply. The device operates from 8V to 28V and provides a high 80dB PSRR, eliminating the need for a regulated power supply.

Features
♦ 8V to 28V Supply Voltage Range
♦ Spread-Spectrum Modulation Enables Low-EMI Solution
♦ Passes EMI Limit with Up to 1m of Speaker Cable
♦ High 80dB PSRR
♦ Up to 88% Efficiency Eliminates Heatsink
♦ Thermal and Output Current Protection
♦ < 1µA Shutdown Mode
♦ Click-and-Pop Suppression
♦ < 10ms Turn-On Time
♦ Space-Saving, 4mm x 4mm x 0.8mm, 24-Pin TQFN Package

Applications
    2.1 Notebook PCs
    LCD/PDP/CRT Monitors
    PC Surround Speakers
    MP3 Docking Stations




Similar Part No. - MAX9737ETG+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9737ETG+ AD-MAX9737ETG+ Datasheet
357Kb / 13P
Mono 7W Class D Amplifier
Rev 0 10/08
More results


Similar Description - MAX9737ETG+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
7W MONO BRIDGE AMPLIFIER
1998-Aug
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
25W MONO CLASS-D AMPLIFIER
Oct-2004
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
7W7W Class-D Speaker Amplifier for Analog Input
BD5427MUV ROHM-BD5427MUV Datasheet
369Kb / 16P
7W7W Class-D Speaker Amplifier for Analog Input
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com