Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA10 Datasheet (PDF) - Cirrus Logic

PA10 Datasheet PDF - Cirrus Logic
Part # PA10
Download  PA10 Download
File Size   344.41 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA10 Datasheet PDF - Cirrus Logic

Part # PA10
Download  PA10 Click to download

File Size   344.41 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA10 Datasheet (HTML) - Cirrus Logic


PA10 Product details

DESCRIPTION
The PA10 and PA10A are high voltage, high output current operational amplifers designed to drive resistive, inductive and capacitive loads. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifers are internally compensated for all gain settings. For continuous operation under load, a heatsink of proper rating is recommended.

FEATURES
• GAIN bANdwIdTh PROdUCT — 4Mhz
• TEMPERATURE RANGE — –55 to +125°C (PA10A)
• EXCELLENT LINEARITY — Class A/b Output
• wIdE SUPPLY RANGE — ±10V to ±50V
• hIGh OUTPUT CURRENT — ±5A Peak

APPLICATIONS
• MOTOR, VALVE ANd ACTUATOR CONTROL
• MAGNETIC dEFLECTION CIRCUITS UP TO 4A
• POwER TRANSdUCERS UP TO 100khz
• TEMPERATURE CONTROL UP TO 180w
• PROGRAMMAbLE POwER SUPPLIES UP TO 90V
• AUdIO AMPLIFIERS UP TO 60w RMS




Similar Part No. - PA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA10 ETC-PA10 Datasheet
61Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA10 APEX-PA10 Datasheet
233Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA10 CIRRUS-PA10 Datasheet
203Kb / 5P
Power Operational Amplifier
logo
Vishay Siliconix
PA100 VISHAY-PA100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
Tyco Electronics
PA100 MACOM-PA100 Datasheet
66Kb / 2P
L Series - Power Entry Modules
More results


Similar Description - PA10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com