Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA51 Datasheet (PDF) - Cirrus Logic

PA51 Datasheet PDF - Cirrus Logic
Part # PA51
Download  PA51 Download
File Size   336.27 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA51 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA51 Datasheet PDF - Cirrus Logic

Part # PA51
Download  PA51 Click to download

File Size   336.27 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA51 Datasheet (HTML) - Cirrus Logic


PA51 Product details

DESCRIPTION
The PA51 and PA51A are high voltage, high output current operational amplifiers designed to drive resistive, inductive and capacitive loads. Their complementary common emitter output stage is the simple class C type optimized for low frequency applications where crossover distortion is not critical. These amplifiers are not recommended for audio, transducer or deflection coil drive circuits. The safe operating area (SOA) is fully specified and can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifiers are internally compensated for all gain settings. For continuous operation under load, mounting on a heatsink of proper rating is recommended. Do not use isolation washers!

FEATURES
• WIDE SUPPLY RANGE — ±10 to ±40V
• HIGH OUTPUT CURRENT — ±10A Peak
• CLASS “C” OUTPUT — Low Cost
• LOW QUIESCENT CURRENT — 2.6mA

APPLICATIONS
• DC SERVO AMPLIFIER
• MOTOR/SYNCHRO DRIVER
• VALVE AND ACTUATOR CONTROL
• DC OR AC POWER REGULATOR




Similar Part No. - PA51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA51 APEX-PA51 Datasheet
256Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA51 CIRRUS-PA51 Datasheet
200Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA51-44Z ETC2-PA51-44Z Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
logo
Pulse A Technitrol Comp...
PA5100.001NL PULSE-PA5100.001NL Datasheet
623Kb / 4P
High Frequency Wire Wound Transformers
More results


Similar Description - PA51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com