Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6F Datasheet (PDF) - Semtech Corporation

S6F Datasheet PDF - Semtech Corporation
Part # S6F
Download  S6F Download
File Size   190.38 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 150-500ns

S6F Datasheet (PDF)

Go To PDF Page Download Datasheet
S6F Datasheet PDF - Semtech Corporation

Part # S6F
Download  S6F Click to download

File Size   190.38 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 1kV, 2A, 150-500ns

S6F Datasheet (HTML) - Semtech Corporation


S6F Product details

AXIAL LEADED HERMETICALLY SEALED FAST RECTIFIER DIODE

• Low reverse recovery time
• Hermetically sealed in Metoxilite fused metal oxide
• Low switching losses
• Low forward voltage drop
• Soft, non-snap off, recovery characteristics




Similar Part No. - S6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6F ETC2-S6F Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S6F NKK-S6F Datasheet
446Kb / 5P
Medium Capacity Standard Size Toggles
logo
List of Unclassifed Man...
S6F17 ETC2-S6F17 Datasheet
113Kb / 3P
SPECIAL QUALITY PULSE AND R.F. TETRODE
More results


Similar Description - S6F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
RECTIFIER, 1kV, 3.25A, 150ns
SFR0 SEMTECH-SFR0 Datasheet
175Kb / 4P
RECTIFIER, 1kV, 1.6A, 150ns
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
Reversible motor drivers (up to 2A series)
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
Standard Rectifier (trr more than 500ns)
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
logo
AIMTEC
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
up to 2A | AC-DC LED driver
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
Half-bridge voltage up to 1kV
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com