Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN450 Datasheet (PDF) - STMicroelectronics

VN450 Datasheet PDF - STMicroelectronics
Part # VN450
Download  VN450 Download
File Size   261.93 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY

VN450 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN450 Datasheet PDF - STMicroelectronics

Part # VN450
Download  VN450 Click to download

File Size   261.93 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY

VN450 Datasheet (HTML) - STMicroelectronics


VN450 Product details

DESCRIPTION
The VN450 is a monolithic device made using SGS-THOMSON Vertical Intelligent Power Technology, intended for driving resistive or inductive loads with one side connected to ground. This device has three independant channels and three diagnostics.
Built-in thermal shut-down protects the chip from over temperature and short circuit.
The control inputs are 5V CMOS logic level compatible.
The open drain diagnostic outputs indicate short circuit (no load) and overtemperature status.

■ OUTPUT CURRENT (CONTINUOUS):
   10 A (CHANNEL 1,2) @ TC = 25 °C
   2 A (CHANNEL 3) @ TC = 25 °C
■ 5 V LOGIC LEVEL COMPATIBLE INPUTS
■ UNDER VOLTAGE SHUT-DOWN
■ OVER VOLTAGE SHUT-DOWN
■ THERMAL SHUT-DOWN
■ OPEN DRAIN DIAGNOSTIC OUTPUTS
■ VERY LOW STAND-BY POWER DISSIPATION




Similar Part No. - VN450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN450P STMICROELECTRONICS-VN450P Datasheet
169Kb / 9P
THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
Feb-1998
More results


Similar Description - VN450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN450P STMICROELECTRONICS-VN450P Datasheet
169Kb / 9P
THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
Feb-1998
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com