Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN450 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN450
Description  THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN450 Datasheet(HTML) 3 Page - STMicroelectronics

  VN450 Datasheet HTML 1Page - STMicroelectronics VN450 Datasheet HTML 2Page - STMicroelectronics VN450 Datasheet HTML 3Page - STMicroelectronics VN450 Datasheet HTML 4Page - STMicroelectronics VN450 Datasheet HTML 5Page - STMicroelectronics VN450 Datasheet HTML 6Page - STMicroelectronics VN450 Datasheet HTML 7Page - STMicroelectronics VN450 Datasheet HTML 8Page - STMicroelectronics VN450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL TRANSIENTS REQUIREMENTS
ISO T/R
7637/1
Test Pulse
TEST LEVELS
I
II
III
IV
Delays and
Impedance
1
-25 V
-50 V
-75 V
-100 V
2 ms, 10
Ω
2
+25 V
+50 V
+75 V
+100 V
0.2 ms, 10
Ω
3a
-25 V
-50 V
-100 V
-150 V
0.1
µs, 50 Ω
3b
+25 V
+50 V
+75 V
+100 V
0.1
µs, 50 Ω
4
-4 V
-5 V
-6 V
-7 V
100 ms, 0.01
Ω
5
+26.5 V
+46.5 V
+66.5 V
+86.5 V
400 ms, 2
Ω
ISO T/R
7637/1
Test Pulse
TEST LEVELS RESULTS
I
II
III
IV
1C
C
C
C
2C
C
C
C
3a
CC
CC
3b
CC
CC
4C
C
C
C
5C
E
E
E
(With a series resistor
≥ 1 KΩ in input and status pins).
CLASS
CONTENTS
C
All function of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device is not performed as designed after exposure and
cannot be returned to proper operation without replacing the device.
VN450
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com