Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN450 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN450
Description  THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN450 Datasheet(HTML) 4 Page - STMicroelectronics

  VN450 Datasheet HTML 1Page - STMicroelectronics VN450 Datasheet HTML 2Page - STMicroelectronics VN450 Datasheet HTML 3Page - STMicroelectronics VN450 Datasheet HTML 4Page - STMicroelectronics VN450 Datasheet HTML 5Page - STMicroelectronics VN450 Datasheet HTML 6Page - STMicroelectronics VN450 Datasheet HTML 7Page - STMicroelectronics VN450 Datasheet HTML 8Page - STMicroelectronics VN450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case (1)
Max
1.3
oC/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
50
oC/W
ELECTRICAL CHARACTERISTICS (VCC = 13 V; -40
oC < Tj < 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Supply
Voltage
5.5
13
36
V
Vusd
Under Voltage
Shut-Down
3
4
5.5
V
Vov
Overvoltage Shut-Down
36
39
45
V
Ron
On State Resistance
IOUT 1,2 = 2 A
Tj = 25
oC
IOUT 1,2 = 2 A
IOUT 3 = 0.5 A
Tj = 25
oC
IOUT 3 = 0.5 A
40
75
300
540
m
Ω
m
Ω
m
Ω
m
Ω
IS
Supply Current
Off state
Tcase = 25
oC
On state
30
4.2
60
10
µA
mA
LOGIC INPUT (Channel1,2,3)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level
Voltage
(*)
1.5
V
VIH
Input High Level
Voltage (see note 1)
(*)
3.5
V
VI(hyst.)
Input Hysteresis
Voltage
0.2
0.85
1.5
V
IIN
Input Current
VIN = 5 V
Tcase = 25
oC
100
µA
VICL
Input Clamp Voltage
IIN = 10 mA
IIN = -10 mA
56
-0.7
7V
V
(*) : The input voltage is internally clamped at 6 V about. It is possible to connect this pin to an higher voltage via an external resistor
provided the input current does not exceed 10 mA.
SWITCHING (VCC = 13 V; Tj = 25
oC; input rise time < 0.1
µs)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time Of
Output Current
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
10
2
40
20
140
70
µs
µs
tr
Rise Time Of Output
Current
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
32
8
150
20
300
60
µs
µs
td(off)
Turn-off Delay Time Of
Output Current
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
120
30
300
75
600
150
µs
µs
tf
Fall Time Of Output
Current
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
32
8
80
20
160
50
µs
µs
di/dt(on)
Turn-on Current Slope
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
0.02
0.02
0.05
0.05
A/
µs
A/
µs
di/dt(off)
Turn-off Current Slope
R1 = 6.5
Ω
Channels 1,2
R1 = 26
Ω
Channels 3
0.02
0.02
0.05
0.05
A/
µs
A/
µs
VN450
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com