Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN450 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN450
Description  THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN450 Datasheet(HTML) 1 Page - STMicroelectronics

  VN450 Datasheet HTML 1Page - STMicroelectronics VN450 Datasheet HTML 2Page - STMicroelectronics VN450 Datasheet HTML 3Page - STMicroelectronics VN450 Datasheet HTML 4Page - STMicroelectronics VN450 Datasheet HTML 5Page - STMicroelectronics VN450 Datasheet HTML 6Page - STMicroelectronics VN450 Datasheet HTML 7Page - STMicroelectronics VN450 Datasheet HTML 8Page - STMicroelectronics VN450 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VN450
THREE CHANNELS HIGH SIDE SMART
SOLID STATE RELAY
February 1998
Power SO-20
TM
BLOCK DIAGRAM
TYPE
Channel
RDS(on)
IOUT
VCC
VN450
1 & 2
3
40 m
Ω
300 m
Ω
10 A
2 A
36 V
36 V
s
OUTPUT CURRENT (CONTINUOUS):
10 A (CHANNEL 1,2) @ TC = 25
o C
2 A (CHANNEL 3)
@ TC = 25
o C
s
5 V LOGIC LEVEL COMPATIBLE INPUTS
s
UNDER VOLTAGE SHUT-DOWN
s
OVER VOLTAGE SHUT-DOWN
s
THERMAL SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUTS
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN450 is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side connected to
ground. This device has three independant
channels and three diagnostics.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The control inputs are 5V CMOS logic level
compatible.
The open drain diagnostic outputs indicate short
circuit (no load) and overtemperature status.
SC09570
1/9


Similar Part No. - VN450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN450P STMICROELECTRONICS-VN450P Datasheet
169Kb / 9P
THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
Feb-1998
More results

Similar Description - VN450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN450P STMICROELECTRONICS-VN450P Datasheet
169Kb / 9P
THREE CHANNELS HIGH SIDE SMART SOLID STATE RELAY
Feb-1998
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com