Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13007A Datasheet (PDF) - Mospec Semiconductor

13007A Datasheet PDF - Mospec Semiconductor
Part # 13007A
Download  13007A Download
File Size   180.81 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8A,400V,80W)

13007A Datasheet (PDF)

Go To PDF Page Download Datasheet
13007A Datasheet PDF - Mospec Semiconductor

Part # 13007A
Download  13007A Click to download

File Size   180.81 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8A,400V,80W)

13007A Datasheet (HTML) - Mospec Semiconductor


13007A Product details

SWIRCHMODE SERIES NPN POWER TRNASISTOR

... designed for use in high-voltage, high-speed, power switching in inductive circuit, they are particularly suited for 115 and 220 V switchmode applications such as switching requlators, inverters, DC-DC converter, Motor Controls, Solenoid drive and Deflection circuits.

8 AMPERE POWER TRANSISTOR 400 VOLTS 80 WATTS




Similar Part No. - 13007A

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
13007 ARIES-13007 Datasheet
667Kb / 1P
Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
logo
Nanjing International G...
13007 DGNJDZ-13007 Datasheet
40Kb / 1P
Plastic-Encapsulate Transistors
logo
SEMTECH ELECTRONICS LTD...
13007 SEMTECH_ELEC-13007 Datasheet
128Kb / 2P
NPN Silicon Transistor
logo
Shenzhen Jingdao Electr...
13007 JINGDAO-13007 Datasheet
119Kb / 3P
Bipolar Junction Transistor
logo
CEE Norm UK Ltd
13007 CEENORM-13007 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 13007A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
logo
Unisonic Technologies
8N40 UTC-8N40 Datasheet
195Kb / 6P
8A, 400V N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com