Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD245 Datasheet (PDF) - Inchange Semiconductor Company Limited

BD245 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BD245
Download  BD245 Download
File Size   149.77 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD245 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD245 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BD245
Download  BD245 Click to download

File Size   149.77 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD245 Datasheet (HTML) - Inchange Semiconductor Company Limited


BD245 Product details

DESCRIPTION
• Collector Current -IC= 10A
• Collector-Emitter Breakdown Voltage-
    : V(BR)CEO = 45V(Min)- BD245; 60V(Min)- BD245A
                            80V(Min)- BD245B; 100V(Min)- BD245C
• Complement to Type BD246/A/B/C
   
APPLICATIONS
• Designed for use in general purpose power amplifier and
    switching applications
   




Similar Part No. - BD245

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD245 POINN-BD245 Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD245 BOURNS-BD245 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD245 SAVANTIC-BD245 Datasheet
144Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD245 COMSET-BD245 Datasheet
75Kb / 3P
NPN SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD245 SAVANTIC-BD245 Datasheet
146Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BD245

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com