Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD245 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD245
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD245 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD245 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD245 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD245 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD245/A/B/C
DESCRIPTION
·Collector Current -IC= 10A
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO = 45V(Min)- BD245; 60V(Min)- BD245A
80V(Min)- BD245B; 100V(Min)- BD245C
·Complement to Type BD246/A/B/C
APPLICATIONS
·Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD245
55
BD245A
70
BD245B
90
VCER
Collector-Emitter
Voltage (RBE= 100Ω)
BD245C
115
V
BD245
45
BD245A
60
BD245B
80
VCEO
Collector-Emitter
Voltage
BD245C
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current
3
A
Collector Power Dissipation
@ Ta=25℃
3
PC
Collector Power Dissipation
@ TC=25℃
80
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.56
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BD245

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD245 POINN-BD245 Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD245 BOURNS-BD245 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD245 SAVANTIC-BD245 Datasheet
144Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD245 COMSET-BD245 Datasheet
75Kb / 3P
NPN SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD245 SAVANTIC-BD245 Datasheet
146Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD245

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com