Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC1815 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC1815
Download  2SC1815 Download
File Size   188.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Type Plastic Encapsulate Transistors

2SC1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1815 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC1815
Download  2SC1815 Click to download

File Size   188.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Type Plastic Encapsulate Transistors

2SC1815 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC1815 Product details

FEATURES
• Power Dissipation
   PCM: 0.4 W ( Ta = 25 °C )
• Collector Current
   ICM: 0.15 A
• Collector-Base Voltage
   V(BR)CBO: 60 V




Similar Part No. - 2SC1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Micro Electronics
2SC1815 MICRO-ELECTRONICS-2SC1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
2SC1815 TOSHIBA-2SC1815 Datasheet
602Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815 Datasheet
142Kb / 2P
NPN Transistor
More results


Similar Description - 2SC1815

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
NPN Type Plastic Encapsulate Transistors
2SC2120 SECOS-2SC2120 Datasheet
282Kb / 2P
NPN Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD669 SECOS-2SD669 Datasheet
242Kb / 3P
NPN Type Plastic Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com