Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1815
Description  NPN Type Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1815 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1815 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1815 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC1815
NPN Type
Plastic Encapsulate Transistors
TO-92
FEATURES
. Power Dissipation
PCM: 0.4 W ( Ta = 25
)
. Collector Current
ICM: 0.15 A
. Collector-Base Voltage
V(BR)CBO: 60 V
1. EMITTER
2. COLLECTOR
3. BASE
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ta = 25
)
TYPE NUMBER
SYMBOL
TEST CONDITIONS
Min.
Typ.
Max.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 100 µA, IE = 0 A
60
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 0.1 mA, IB = 0 A
50
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 100 µA, IC = 0 A
5
-
-
V
Collector Cut-Off Current
ICBO
VCB = 60 V, IE = 0 A
-
-
0.1
µA
Collector Cut-Off Current
ICEO
VCE = 50 V, IB = 0 A
-
-
0.1
µA
Emitter Cut-Off Current
IEBO
VEB = 5 V, IC = 0 A
-
-
0.1
µA
DC Current Gain
hFE
VCE = 6 V, IC = 2 mA
70
-
700
Collector-Emitter Saturation Voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
-
-
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = 100 mA, IB = 10 mA
-
-
1
V
VCE = 10 V, IC = 1 mA,
Transition Frequency
fT
f = 30 MHz
80
-
-
MHz
Operating and Storage Junction
Temperature Range
TJ, TSTG
-
- 55 ~ +150
hFE VALUES ARE CLASSIFIED AS FOLLOWS:
Rank
O
Y
GR
BL
hFE
70 ~ 140
120 ~ 240
200 ~ 400
350 ~ 700
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1
2 3
1
2
3
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
logo
Micro Electronics
2SC1815 MICRO-ELECTRONICS-2SC1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
2SC1815 TOSHIBA-2SC1815 Datasheet
602Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815 Datasheet
142Kb / 2P
NPN Transistor
More results

Similar Description - 2SC1815

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
NPN Type Plastic Encapsulate Transistors
2SC2120 SECOS-2SC2120 Datasheet
282Kb / 2P
NPN Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD669 SECOS-2SD669 Datasheet
242Kb / 3P
NPN Type Plastic Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com