Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP110 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP110 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP110
Download  EMP110 Download
File Size   197.01 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.9 - 7.9 GHz Power Amplifier MMIC

EMP110 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP110 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP110
Download  EMP110 Click to download

File Size   197.01 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.9 - 7.9 GHz Power Amplifier MMIC

EMP110 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMP110 Product details

FEATURES
• 5.9 – 7.9 GHz Operating Frequency Range
• 27.0dBm Output Power at 1dB Compression
• 19.0 dB Typical Small Signal Gain
• -41dBc OIMD3 @Each Tone Pout 17 dBm

APPLICATIONS
• Point-to-point and point-to-multipoint radio
• Military Radar Systems




Similar Part No. - EMP110

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
5.8 - 8.0 GHz Power Amplifier MMIC
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
5.8 - 8.0 GHz Surface-Mounted PA
More results


Similar Description - EMP110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
5.9 - 7.9 GHz Power Amplifier MMIC
EMP107-P1 EXCELICS-EMP107-P1 Datasheet
94Kb / 2P
5.9 - 7.9 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Cree, Inc
CMPA5259080S CREE-CMPA5259080S Datasheet
1Mb / 16P
80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
CMPA5259050S CREE-CMPA5259050S Datasheet
1Mb / 16P
50 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5259080S WOLFSPEED-CMPA5259080S Datasheet
1Mb / 16P
80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com