Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC2193 Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC2193
Download  TMC2193 Download
File Size   547.17 Kbytes
Page   72 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10 Bit Encoder

TMC2193 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2193 Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC2193
Download  TMC2193 Click to download

File Size   547.17 Kbytes
Page   72 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10 Bit Encoder

TMC2193 Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC2193 Product details

Features
• Multiple input formats
    – 24 bit RGB
    – 20 bit CCIR601
    – 10 bit CCIR656
    – 10 bit Digital Composite
• Synchronization modes
    – Master
    – Slave
    – Genlock
    – CCIR656
• Subcarrier modes
    – Free-run
    – Subcarrier reset
    – Genlock
    – DRS-lock
• Ancillary Data Control (ANC)
• Pixel rates from 10 MHz to 15 MHz
• Programmable horizontal timing
• Programmable vertical blanking interval (VBI)
• Line-by-line pedestal enable
• Programmable pedestal height from -20 IRE to 20 IRE
• Programmable burst amplitude and phase
• Controlled edge rates for
    – Sync
    – Burst
    – Active video
• Programmable color space matrix
• 8:8:8 video reconstruction
• Four 10 bit D/A’s with independent trim
• Individual power down modes for each D/A
• Multiple output formats
    – RGB
    – Y PB PR
    – Betacam
    – S-video
    – Composite
    – Digital composite output
• Pin-driven and data-driven, window keying
• Closed Caption waveform generation (13.5 MHz only)
• Sin(X)/X compensation filter
• 5 bit VBI line counter
• 3 bit field counter
• Internal test pattern generation
    – 100% Color Bars
    – 75% Color Bars
    – Modulated Ramp

Applications
• Broadcast Television
• Nonlinear Video Processing




Similar Part No. - TMC2193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2193 FAIRCHILD-TMC2193 Datasheet
448Kb / 72P
10 Bit Encoder
TMC2193KJC FAIRCHILD-TMC2193KJC Datasheet
448Kb / 72P
10 Bit Encoder
More results


Similar Description - TMC2193

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2192 FAIRCHILD-TMC2192 Datasheet
457Kb / 69P
10 Bit Encoder
TMC2193 FAIRCHILD-TMC2193 Datasheet
448Kb / 72P
10 Bit Encoder
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
logo
Cadeka Microcircuits LL...
TMC2192 CADEKA-TMC2192 Datasheet
554Kb / 69P
10 Bit Encoder
logo
ams AG
AS5050 AMSCO-AS5050 Datasheet
588Kb / 22P
Low Power 10-Bit Magnetic Rotary Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
ams AG
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
10-Bit to16-Bit Programmable Angular Magnetic Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com