Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC2193 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
5
PXCK
95
TTL
Pixel Clock Input. PXCK is a clock signal that period is twice
the sample rate of the pixel data. The operating range is 20 to
30 MHz. The clock is internally divided by 2 to generate the
internal pixel clock, PCK. PXCK drives the entire TMC2193
except the asynchronous microprocessor interface.
RESET
94
TTL
Master Chip Reset. When LOW, All outputs are tri-stated and
the internal state machines and control registers are reset. At
rising edge of RESET, all outputs are active, the preset values
will be loaded into the control registers and the internal states
machines start to operate.
VSIN
55
TTL
Vertical Sync Input. When operating in slave, Genlock, or
DRS-Lock the TMC2193 will start a new vertical field with each
falling edge of VSIN that is coincident with HSIN.
SYNC & CONTROL OUTPUTS (11 pins)
FLD[2:0]
81–83
TTL
Field Identifier. Field Identifier outputs the current field number.
For all video standards the field identifier will cycle through the
eight counts.
HSOUT
74
TTL
Horizontal Sync Output. The alignment of HSOUT to the pixel
data port or DCVBS port is controlled by control register
TSOUT.
LINE[4:0]
76–80
TTL
Vertical Blanking Interval Line Identifier. LINE identifies the
current line number for the first 31 lines. If the line count is
greater than 31 then LINE is 11111b. The first line with a vertical
serration is considered to be line 0.
PDC
73
TTL
Pixel Data Control.
When PDCDIR = LOW: At a rising edge, The next pixel starts a
controlled ramp of the PD data. At a falling edge, the pixel prior
is the last PD used in the ramp. The rising edge is determined
by the PDCCNT control register, the falling edge of PDC is
determined by the horizontal timing registers.
When PDCDIR = HIGH: PDCIN is used to override the internal
PDC. When HIGH, the internal PDC controls the blank and
unblank window. When LOW, the video remains blanked
regardless of the internal PDC. All edges have the same ramp
control as the internal PDC.
VSOUT
75
TTL
Vertical Sync Output. The alignment of VSOUT to the pixel
data port or DCVBS port is controlled by control register
TSOUT.
DATA INPUTS (39 pins)
CVBS[9:0]
84–93
TTL
Composite Data Input
OL[4:0]
21–25
TTL
Overlay Control
PD[23:0]
27–38, 41–52
TTL
Component Data Input
ANALOG INTERFACE – Video Out (5 pins)
Ref. DAC
19
0.675Vp-p
Selectable sync only or midpoint reference D/A
DAC1
15
1.35Vp-p
Composite or Green D/A
DAC2
10
1.35Vp-p
Luma or Blue D/A
DAC3
5
1.35Vp-p
Chroma or Red D/A
DAC4
2
1.35Vp-p
Composite D/A with optional keying
Pin Definitions (continued)
Pin Name
Pin Number
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com