Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet(PDF) 29 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 29 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 33Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
29
Ancillary frequency data is used to program the 32 bits of the
FREQ3-0 registers. ANCFREN and FRV determine how
ancillary frequency data is used. When ancillary data is not
present, the TMC2193 assumes FRV = LOW.
Note:
1. The F bit is part of the EAV timing reference code and tracks the F0 bit.
Operating Modes
The field number bits (F2-0) from the ancillary data packet
FIELD word, are used to program the encoder’s field counter
depending upon the state of the synchronous video flag
(SVF) and the ANCTREN bit in the control register.
In the basic operating mode (ANCTREN = LOW), all timing
is found in the F bit of EAV. F2-0 and SVF are ignored and
the encoder subcarrier synthesizer is reset to the PHASE
value every eight fields (when the field counter transitions
from 111 (field 8) to 000 (field 1).
In the basic mode, ANCFREN and ANCPHEN are typically
set LOW, ignoring ancillary frequency and phase data. If
ANCFREN and ANCPHEN are HIGH, the TMC2193 uses
the incoming ancillary frequency and phase data on a line-
by-line basis.
In genlocking mode (ANCTREN and SVF = HIGH), the
subcarrier synthesizer is allowed to free run, with phase and
frequency being set from the ancillary data packet PH12-0
and FR31-0 data. The field counter increments just like it
does in basic mode.
Field sequence mode (ANCTREN = HIGH and SVF =
LOW), is the same as basic mode except that the field
counter is set by the F2-0 bits in the FIELD word of ancillary
data. If ancillary data is not present on a line, the field
counter will continue to count as it does in basic mode.
When ancillary data is present, the contents of the field
counter are loaded with field data (F2-0). In this way, the
TMC2193 may be synchronized with an external source by
sending field data only once.
Table 19. Ancillary Data Control – Phase
ANCPHEN
PHV
Description
0
x
Ignore ancillary phase data,
set PHASE = 0
1
0
Ignore ancillary phase data,
no change to PHASE
1
1
Load ancillary phase data into
PHASE registers
Table 20. Ancillary Data Control Frequency
ANCFREN
FRV
Description
0
x
Ignore ancillary frequency
data
1
0
Ignore ancillary frequency
data
1
1
Load ancillary frequency data
into FREQ3-0 registers
Table 21. Field Identification and Subcarrier Reset Modes
ANCTREN
SVF
F2
F1
F0
F (EAV)
Field ID / Subcarrier Reset Mode
Basic Mode
0
xxxx
0
Odd field, reset subcarrier every 8 fields
0
xxxx
1
Even field
Genlocking Mode
1
1
x
x
x
0
Odd field, subcarrier free run
1
1
xxx
1
Even field
Field Sequence Mode
1
0000
0
Field 1, reset subcarrier at field 1
1
0001
1
Field 2
1
0010
0
Field 3
1
0011
1
Field 4
1
0100
0
Field 5
1
0101
1
Field 6
1
0110
0
Field 7
1
0111
1
Field 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com