Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
9
Gamma Correction
Control Registers for this section
Inherent in all CRT displays is a non-linearity between the
voltage applied to the electron guns and the CRT phosphor
brightness. Traditionally this non-linearity, gamma, is com-
pensated at the camera. However, many sources today are
mixed in the digital domain and do not contain any gamma
correction.
For this reason the TMC2193 contains optional gamma cor-
rection process. The TMC2193 contains two independent
gamma circuits, one for the Green data path and the other for
the Blue and Red data path. Each gamma processor has two
(2) gamma compensation curves, one for NTSC and one for
PAL, that can be applied to the incoming video data.
The formulas for the gamma curves are:
PAL:
Y = X1/2.8
for 0
≤ X ≤ 255
NTSC: Y = 4.5 * X
for 0
≤ X ≤ 6
Y = 1.099 * X1/2.22 – 0.099
for 7
≤ X ≤ 255
Figure 7. Gamma Curves
Color Space Matrix
Control Registers for this section
The color space matrix (CSM) has four modes of operation,
which are controlled by CSMFMT. The CSMFMT bits con-
figures the color space matrix to produce the desired outputs
from the input source. The inputs for the CSM can be either
RGB or YCBCR. In all four modes YUV for the composite
generation will always be one set of component outputs of
the CSM. The other set of components outputs can be either
RGB or YPBPR.
•
CSMFMT = 00 , YCBCR input source with YUV and
YPBPR outputs.
Matrix configuration:
Ycomposite
= MCF1 * Yin
U
= MCF4 * CB
V
= MCF6 * CR
Ycomponent
= MCF8 * Yin
PB
= MCF9 * CB
PR
= MCF10 * CR
Address
Bit(s)
Name
0x04
7
GAMENG
0x04
6
GAMENC
0x04
5
GAMSELG
0x04
4
GAMSELC
0
128
256
384
512
640
768
896
1024
0
32
64
96
128
160
192
224
256
RGB Inputs (0 to 255)
PAL Gamma Curve
NTSC Gamma Curve
Address
Bit(s)
Name
0x30
7-0
MCF1L
0x31
7-0
MCF2L
0x32
7-0
MCF3L
0x33
7-0
MCF4L
0x34
7-0
MCF5L
0x35
7-0
MCF6L
0x36
7-0
MCF7L
0x37
7-0
MCF8L
0x38
7-0
MCF9L
0x39
7-0
MCF10L
0x3A
7-4
MCF1M
0x3A
3-0
MCF2M
0x3B
7-4
MCF3M
0x3B
2-0
MCF4M
0x3C
7-4
MCF5M
0x3C
2-0
MCF6M
0x3D
7-4
MCF7M
0x3D
3-0
MCF8M
0x3E
7-4
MCF9M
0x3E
3-0
MCF10M
0x3F
2
NMEH
0x3F
1-0
CSMFMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com