Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
6
REV. 1.0 3/26/03
ANALOG INTERFACE – Support (9 pins)
CBYP1
16
0.1
µF
Reference Bypass Capacitor for DAC1 and Reference DAC.
Connection point for 0.1
µF Capacitor.
CBYP2
11
0.1
µF
Reference Bypass Capacitor for DAC2. Connection point for
0.1
µF Capacitor.
CBYP3
6
0.1
µF
Reference Bypass Capacitor for DAC3. Connection point for
0.1
µF Capacitor.
CBYP4
3
0.1
µF
Reference Bypass Capacitor for DAC4. Connection point for
0.1
µF Capacitor.
RREF1
18
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for DAC1. The resistor is connected between
RREF1 and GND. Output video levels are inversely proportional
to the value of RREF1.
RREF2
13
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for DAC2. The resistor is connected between
RREF2 and GND. Output video levels are inversely proportional
to the value of RREF2.
RREF3
8
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for DAC3. The resistor is connected between
RREF3 and GND. Output video levels are inversely proportional
to the value of RREF3.
RREF4
99
1210 Ohm
Current Setting Resistor. Connection point for external current
setting resistor for DAC4. The resistor is connected between
RREF4 and GND. Output video levels are inversely proportional
to the value of RREF4.
VREF
98
1.235 V
Voltage Reference Input. External voltage reference input,
internal voltage reference output, nominally 1.235V.
MPU INTERFACE (13 pins)
A[1:0]/SA[1:0]
61, 62
TTL
When SER (HIGH), OLUT/control/pointer address.
When SER (LOW), SA[1:0] of serial chip address SA[6:0].
CS/SCL
59
TTL/R-BUS
When SER (HIGH), microprocessor port clock.
When SER (LOW), serial bus clock.
D[7:0]
63–70
TTL
Bi-directional Data Bus.
RW/SDA
60
TTL/R-BUS
When SER (HIGH), read/write control.
When SER (LOW), serial bus bi-directional data.
SER
58
TTL
Microprocessor Select. When LOW, the serial interface is
enabled. When HIGH, the parallel interface is enabled.
POWER & GROUND (17 pins)
AGND
4, 9, 14, 100
0.0V
Analog ground
DGND
26, 40, 53, 71, 97
0.0V
Digital ground
VDD
39, 54, 72, 96
+5.0V
Digital positive power supply
VDDA
1, 7, 12, 17
+5.0V
Analog positive power supply
Pin Definitions (continued)
Pin Name
Pin Number
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com