Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2193 Datasheet(PDF) 43 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 43 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 47Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
43
Control Register Definitions (continued)
Key Value Register (0x0A)
76543210
DKEYMAX
Reg
Bit
Name
Description
0A
7-0
DKEYMAX
Green/Y Maximum Data Key Value.
DKEYMAX is compared against the 8 MSB’s of Green/Y channel. If
DKEYMAX is greater or equal to Green/Y and DKEYMIN less than Green/Y
then a match is signaled.
Key Value Register (0x0B)
76543210
DKEYMIN
Reg
Bit
Name
Description
0B
7-0
DKEYMIN
Green/Y Minimum Data Key Value.
DKEYMIN is compared against the 8 MSB’s of Green/Y channel. If
DKEYMAX is greater or equal to Green/Y and DKEYMIN less than Green/Y
then a match is signaled.
Key Value Register (0x0C)
76543210
EKEYMAX
Reg
Bit
Name
Description
0C
7-0
EKEYMAX
Blue/CB Maximum Data Key Value.
EKEYMAX is compared against the 8 MSB’s of Blue/CB channel. If
EKEYMAX is greater or equal to Blue/CB and EKEYMIN less than Blue/CB
then a match is signaled.
Key Value Register (0x0D)
76543210
EKEYMIN
Reg
Bit
Name
Description
0D
7-0
DKEYMIN
Blue/CB Minimum Data Key Value.
EKEYMIN is compared against the 8 MSB’s of Blue/CB channel. If
EKEYMAX is greater or equal to Blue/CB and EKEYMIN less than Blue/CB
then a match is signaled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com