Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7368 Datasheet (PDF) - Maxim Integrated Products

MAX7368 Datasheet PDF - Maxim Integrated Products
Part # MAX7368
Download  MAX7368 Download
File Size   153.87 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Channel I2C Switches/Multiplexer

MAX7368 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7368 Datasheet PDF - Maxim Integrated Products

Part # MAX7368
Download  MAX7368 Click to download

File Size   153.87 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Channel I2C Switches/Multiplexer

MAX7368 Datasheet (HTML) - Maxim Integrated Products


MAX7368 Product details

General Description

The MAX7367/MAX7368/MAX7369 bidirectional, four channel I2C switches/multiplexer expand the main I2C bus up to four extended buses. The MAX7369 1:4 multiplexer connects the main I2C bus to one channel at a time. The MAX7367/MAX7368 four-channel switches connect the main I2C bus to one or more channels at a time.



Features

♦ Four-Channel, Bidirectional Bus Expansion

♦ Voltage-Level Translation

♦ Low 6µA (typ) Supply Current, 0.1µA (typ) Standby Current

♦ Low 16Ω (typ) On-Resistance

♦ Channel Selection Through I2C

♦ I2C-Compatible Normal or Fast Mode

♦ Device Address Selection

Up to Four Addresses (MAX7367)

Up to Eight Addresses (MAX7368/MAX7369)

♦ Bus-Loading Isolation

♦ Support Clock Stretch, Synchronization, and

Arbitration

♦ Hot Insertion

♦ 2.3V to 5.5V Supply Voltage Range

♦ 5V-Tolerant Inputs

♦ Interrupt from Extended Buses

(MAX7367/MAX7369)

♦ Hardware Reset (MAX7367/MAX7368)




Similar Part No. - MAX7368

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7368EUE MAXIM-MAX7368EUE Datasheet
153Kb / 19P
4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
More results


Similar Description - MAX7368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
2-channel I2C multiplexer
1999 Dec 15
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
4-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367_09 Datasheet
153Kb / 19P
4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
NXP Semiconductors
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
4 Channel I2C bus Multiplexer
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com