Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ Datasheet (PDF) - Analog Devices

AD8155ACPZ Datasheet PDF - Analog Devices
Part # AD8155ACPZ
Download  AD8155ACPZ Download
File Size   1273.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Dual Buffer Mux/Demux

AD8155ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8155ACPZ Datasheet PDF - Analog Devices

Part # AD8155ACPZ
Download  AD8155ACPZ Click to download

File Size   1273.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Dual Buffer Mux/Demux

AD8155ACPZ Datasheet (HTML) - Analog Devices


AD8155ACPZ Product details

GENERAL DESCRIPTION
The AD8155 is an asynchronous, protocol-agnostic, dual-lane 2:1 switch with a total of six differential CML inputs and six differential CML outputs. The signal path supports NRZ signaling with data rates up to 6.5 Gbps per lane. Each lane offers programmable receive equalization, programmable output preemphasis, programmable output levels, and loss-of-signal detection.
The nonblocking switch core of the AD8155 implements a 2:1 multiplexer and 1:2 demultiplexer per lane and supports independent lane switching through the two select pins, SEL[1:0]. Each port is a two-lane link. Every lane implements an asynchronous path supporting dc to 6.5 Gbps NRZ data, fully independent of other lanes. The AD8155 has low latency and very low lane-to-lane skew.

FEATURES
   Dual 2:1 mux/1:2 demux
   Optimized for dc to 6.5 Gbps NRZ data
   Per-lane P/N pair inversion for routing ease
   Programmable input equalization
      Compensates up to 40 inches of FR4
   Loss-of-signal detection
   Programmable output preemphasis up to 12 dB
   Programmable output levels with squelch and disable
   Accepts ac-coupled or dc-coupled differential CML inputs
   50 Ω on-chip termination
   1:2 demux supports unicast or bicast operation
   Port-level loopback
   Port or single lane switching
   1.8 V to 3.3 V flexible core supply
   User-settable I/O supply from VCC to 1.2 V
   Low power, typically 2.0 W in basic configuration
   64-lead LFCSP
   −40°C to +85°C operating temperature range

APPLICATIONS
   Low cost redundancy switch
   SONET OC48/SDH16 and lower data rates
   RXAUI, 4× Fibre Channel, Infiniband, and GbE over
      backplane
   OIF CEI 6.25 Gbps over backplane
   Serial data-level shift
   2-/4-/6-lane equalizers or redrivers




Similar Part No. - AD8155ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8155ACPZ AD-AD8155ACPZ Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
AD8155ACPZ-R7 AD-AD8155ACPZ-R7 Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
More results


Similar Description - AD8155ACPZ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
logo
Pericom Semiconductor C...
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com