Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0166 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0166 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0166
Download  MASWSS0166 Download
File Size   79.33 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

MASWSS0166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0166 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0166
Download  MASWSS0166 Click to download

File Size   79.33 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

MASWSS0166 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0166 Product details

Description
M/A-COM’s MASWSS0166 is a GaAs monolithic switch in a lead-free SOT-363 surface mount plastic package. The MASWSS0166 is ideally suited for applications where very low power consumption, low insertion loss, very small size and low cost are required.

Features
• Low Insertion Loss: 0.3 dB @ 900 MHz
• Low Current Consumption: <15 µA @ +2.5 V
• Positive or Negative 2.5 to 8 V Control
• Lead-Free SOT-363 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-437




Similar Part No. - MASWSS0166

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0166 MACOM-MASWSS0166 Datasheet
178Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0166 MA-COM-MASWSS0166 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0166 MA-COM-MASWSS0166 Datasheet
626Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0166SMB MACOM-MASWSS0166SMB Datasheet
178Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0166SMB MA-COM-MASWSS0166SMB Datasheet
626Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Similar Description - MASWSS0166

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com