Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0166 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0166
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0166 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0166 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0166 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V2
MASWSS0166
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.3 dB @ 900 MHz
• Low Current Consumption: <15 µA @ +2.5 V
• Positive or Negative 2.5 to 8 V Control
• Lead-Free SOT-363 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-437
Description
M/A-COM’s MASWSS0166 is a GaAs monolithic
switch in a lead-free SOT-363 surface mount plastic
package.
The MASWSS0166 is ideally suited for
applications where very low power consumption, low
insertion loss, very small size and low cost are re-
quired.
Typical applications are dual band systems that re-
quire switching between small signal components
such as filter banks, single band LNA’s and convert-
ers. The MASWSS0166 can be used in applications
up to 0.25 Watts in systems such as cellular, PCS,
DCS1800, GSM, CDMA, W-CDMA and other ana-
log/digital wireless communications systems.
The MASWSS0166 is fabricated using a mature 0.5
micron GaAs PHEMT process.
The process fea-
tures full passivation for increased performance and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF in/out
2
GND
RF Ground
3
RF2
RF in/out
4
V2
V Control 2
5
RFC
RF Common
6
V1
V Control 1
Ordering Information
3
3. Reference Application Note M513 for reel size information.
Part Number
Package
MASWSS0166
Bulk Packaging
MASWSS0166TR-3000
3000 piece reel
MASWSS0166SMB
Sample Test Board
Parameter
Absolute Maximum
Input Power (0.5-3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Functional Schematic:
Positive Control Voltage
Functional Schematic:
Negative Control Voltage
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0166

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0166 MACOM-MASWSS0166 Datasheet
178Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0166 MA-COM-MASWSS0166 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0166 MA-COM-MASWSS0166 Datasheet
626Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0166SMB MACOM-MASWSS0166SMB Datasheet
178Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0166SMB MA-COM-MASWSS0166SMB Datasheet
626Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0166

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com