Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0181TR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0181TR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0181TR
Download  MASWSS0181TR Download
File Size   74.56 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz

MASWSS0181TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0181TR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0181TR
Download  MASWSS0181TR Click to download

File Size   74.56 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz

MASWSS0181TR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0181TR Product details

Description

M/A-COM’s MASWSS0181 is a GaAs PHEMT MMIC single pole two throw (SPDT) high power switch in a lead-free SOT-26 package. The MASWSS0181 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required.

Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring high power at low control voltage.



Features

• Low Voltage Operation: 2.5 V

• Harmonics: <-67 dBc at +34 dBm & 1 GHz

• Low Insertion Loss: 0.40 dB at 1 GHz

• High Isolation: 20 dB at 2 GHz

• 0.5 micron GaAs PHEMT Process

• Lead-Free SOT-26 Package

• 100% Matte Tin Plating over Copper

• Halogen-Free ―Green‖ Mold Compound

• 260°C Reflow Compatible

• RoHS* Compliant Version of MASWSS0006



 




Similar Part No. - MASWSS0181TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181TR MACOM-MASWSS0181TR Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181TR MA-COM-MASWSS0181TR Datasheet
661Kb / 4P
GaAs SPDT 2.5 V High Power Switch
logo
Tyco Electronics
MASWSS0181TR-3000 MACOM-MASWSS0181TR-3000 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181TR-3000 MA-COM-MASWSS0181TR-3000 Datasheet
661Kb / 4P
GaAs SPDT 2.5 V High Power Switch
More results


Similar Description - MASWSS0181TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com