Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA513 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SMA513 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SMA513
Download  SMA513 Download
File Size   1331.99 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500 MHz

SMA513 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA513 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SMA513
Download  SMA513 Click to download

File Size   1331.99 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 500 MHz

SMA513 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SMA513 Product details

Description
The A513 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperaturestable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH LINEARITY IP3: +30 dBm (TYP.)
                                IP2: +50 dBm (TYP.)
• HIGH GAIN: 20 dB (TYP.)
• LOW VSWR: 1.4:1 (TYP.)




Similar Part No. - SMA513

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA513 MACOM-SMA513 Datasheet
98Kb / 1P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
SMA513 MACOM-SMA513 Datasheet
372Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Sanken electric
SMA5130 SANKEN-SMA5130 Datasheet
120Kb / 3P
Transistor and MOS FET Arrays
SMA5131 SANKEN-SMA5131 Datasheet
120Kb / 3P
Transistor and MOS FET Arrays
SMA5132 SANKEN-SMA5132 Datasheet
120Kb / 3P
Transistor and MOS FET Arrays
More results


Similar Description - SMA513

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com