Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-189 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MDS-189 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MDS-189
Download  MDS-189 Download
File Size   91.12 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Level Termination Insensitive Mixer, 1 - 3500 MHz

MDS-189 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-189 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MDS-189
Download  MDS-189 Click to download

File Size   91.12 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Level Termination Insensitive Mixer, 1 - 3500 MHz

MDS-189 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MDS-189 Product details

Description
M/A-COM’s MD-189 and MDS-189 are high level termination insensitive mixers. These devices are packaged in 8-lead flatpack and SMT packages. These mixers offer consistent and repeatable flat intermodulation performance and flat conversion loss with low spurious signal generation independent of system mismatch from 1 to 3500 MHz. The MD-189 and MDS-189 are ideally suited for RF/IF communications applications requiring high intercept point performance.

Features
• Operates Over Full PCN/PCS/PHS/MSS Bands
• Low Conversion Loss
• Fully Hermetic Package
• Intermodulation Ratio Insensitive to System Mismatches
• VSWR: <2.0:1 Typical Midband
• Isolation: 35 dB Typical Midband
• High IIP3 (+28 dBm Typical 1-3500 MHz)




Similar Part No. - MDS-189

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MDS-189PIN MACOM-MDS-189PIN Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MDS-189PIN MACOM-MDS-189PIN Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results


Similar Description - MDS-189

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD_MDS-189 MA-COM-MD_MDS-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
MD-MDS-189 MA-COM-MD-MDS-189_15 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com