Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-189 Datasheet (PDF) - Tyco Electronics

MDS-189 Datasheet PDF - Tyco Electronics
Part # MDS-189
Download  MDS-189 Download
File Size   222.44 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Level Termination Insensitive Mixer, 1 - 3500 MHz

MDS-189 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-189 Datasheet PDF - Tyco Electronics

Part # MDS-189
Download  MDS-189 Click to download

File Size   222.44 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Level Termination Insensitive Mixer, 1 - 3500 MHz

MDS-189 Datasheet (HTML) - Tyco Electronics


MDS-189 Product details

Description
M/A-COM’s MD-189 and MDS-189 are high level termination insensitive mixers. These devices are packaged in 8-lead flatpack and SMT packages. These mixers offer consistent and repeatable flat intermodulation performance and flat conversion loss with low spurious signal generation independent of system mismatch from 1 to 3500 MHz. The MD-189 and MDS-189 are ideally suited for RF/IF communications applications requiring high intercept point performance.

Features
• Operates Over Full PCN/PCS/PHS/MSS Bands
• Low Conversion Loss
• Fully Hermetic Package
• Intermodulation Ratio Insensitive to System Mismatches
• VSWR: <2.0:1 Typical Midband
• Isolation: 35 dB Typical Midband
• High IIP3 (+28 dBm Typical 1-3500 MHz)




Similar Part No. - MDS-189

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-189 MA-COM-MDS-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
Tyco Electronics
MDS-189PIN MACOM-MDS-189PIN Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results


Similar Description - MDS-189

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD-189 MA-COM-MD-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD_MDS-189 MA-COM-MD_MDS-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
MD-MDS-189 MA-COM-MD-MDS-189_15 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com