Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL42 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CL42 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CL42
Download  CL42 Download
File Size   1291.4 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Thin Film Limiter Module 50 to 4000 MHz

CL42 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL42 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CL42
Download  CL42 Click to download

File Size   1291.4 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Thin Film Limiter Module 50 to 4000 MHz

CL42 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CL42 Product details

Description

The L42 signal limiter is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This design uses Schottky bridge quad and anti-parallel diodes, which provide consistent limiting levels over a broadband frequency range. Both TO-8 and SMTO-8 packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• VERY WIDE BANDWIDTH

• GOOD SUPPRESSION OF EVEN ORDER HARMONICS

• LOW INSERTION LOSS: 3.5 dB (TYP.)



 




Similar Part No. - CL42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL42 MACOM-CL42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
More results


Similar Description - CL42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
L42 MACOM-L42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
SML1 MACOM-SML1 Datasheet
455Kb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
Thin Film Limiter Module
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
Thin-Film Cascadable Amplifier Module 10 to 200 MHz
PSA-4132 TELEDYNE-PSA-4132 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
PSA6232 TELEDYNE-PSA6232 Datasheet
111Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com