Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL42 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CL42
Description  Thin Film Limiter Module 50 to 4000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CL42 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CL42 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CL42 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CL42 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Thin Film Limiter Module
50 to 4000 MHz
Rev. V2
L42 / SML42
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• VERY WIDE BANDWIDTH
• GOOD SUPPRESSION OF EVEN ORDER HARMONICS
• LOW INSERTION LOSS: 3.5 dB (TYP.)
Description
The L42 signal limiter is a discrete hybrid design, which uses thin film
manufacturing processes for accurate performance and high reliability.
This design uses Schottky bridge quad and anti-parallel diodes, which
provide consistent limiting levels over a broadband frequency range.
Both TO-8 and SMTO-8 packages are hermetically sealed, and
MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
L42
TO-8
SML42
Surface Mount
CL42 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+25 V
Continuous Input Power
+20 dBm
Short Term Input power
(1 minute max.)
400 mW
Peak Power (3 µsec
max.)
1 W
“S” Series Burn-In
Temperature (case)
+125ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency (min)
MHz
5-4000
50-4000
50-4000
Insertion Loss @ PIN < -20 dBm (max.)
50-3000 MHz
3000-4000 MHz
dB
dB
3.5
4.0
4.5
5.0
5.0
6.0
Input VSWR (max.)
PIN < -10 dBm, +10 < Bias < +20 Vdc
1.6:1
1.9:1
2.1:1
Output VSWR (max.)
PIN < -10 dBm, +10 < Bias < +20 Vdc
2.0:1
2.3:1
2.5:1
Output Limiting Level @ PIN = +20 dBm (max.)
+15 < Bias < +20 Vdc
50-2000 MHz
2000-4000 MHz
dBm
dBm
2.5
6.5
4.0
7.0
4.5
7.5
Bias Current (max.)
@ +20 Vdc
@ +15 Vdc
@ +10 Vdc
mA
mA
mA
8.5
7.0
4.0
9.0
10.0
Limiting and Insertion Loss Characteristics at +25°C
Bias Voltage
Output Level at Limiting Threshold (1 dB comp.)
Typical
1000 MHz
2500 MHz
4000 MHz
+20 Volts
-1.0 dBm
-2.5 dBm
-6.0 dBm
+15 Volts
-2.0 dBm
-4.0 dBm
-6.2 dBm
+5 Volts
-12.0 dBm
-12.0 dBm
-13.8 dBm
+10 Volts
-5.5 dBm
-7.0 dBm
-7.8 dBm
* Over temperature performance limits for part number CL42, guaranteed from 0
oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - CL42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL42 MACOM-CL42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
More results

Similar Description - CL42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
L42 MACOM-L42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
SML1 MACOM-SML1 Datasheet
455Kb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
Thin Film Limiter Module
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
Thin-Film Cascadable Amplifier Module 10 to 200 MHz
PSA-4132 TELEDYNE-PSA-4132 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
PSA6232 TELEDYNE-PSA6232 Datasheet
111Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com