Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA03 Datasheet (PDF) - Cirrus Logic

PA03 Datasheet PDF - Cirrus Logic
Part # PA03
Download  PA03 Download
File Size   207.29 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifiers

PA03 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA03 Datasheet PDF - Cirrus Logic

Part # PA03
Download  PA03 Click to download

File Size   207.29 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifiers

PA03 Datasheet (HTML) - Cirrus Logic


PA03 Product details

DESCRIPTION

The super power PA03 advances the state of the art in both brute force power and self protection against abnormal operating conditions. Its features start with a copper dip package developed by Apex Precision Power to extend power capabilities well beyond those attainable with the familiar TO-3 package. The increased pin count of the new package provides additional control features, while the superior thermal conductivity of copper allows substantially higher power ratings.



FEATURES

• MO-127 COPPER POWER DIP™ PACKAGE

• HIGH INTERNAL POWER DISSIPATION

    — 500 watts

• HIGH VOLTAGE OPERATION — ±75V

• VERY HIGH CURRENT — ±30 amps

• INTERNAL SOA PROTECTION

• OUTPUT SWINGS CLOSE TO SUPPLY RAILS

• EXTERNAL SHUTDOWN CONTROL



APPLICATIONS

• LINEAR AND ROTARY MOTOR DRIVES

• YOKE/MAGNETIC FIELD DEFLECTION

• PROGRAMMABLE POWER SUPPLIES to ±68V

• TRANSDUCER/AUDIO TO 1000W



 




Similar Part No. - PA03

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA03 APEX-PA03 Datasheet
280Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA03 ETC2-PA03 Datasheet
602Kb / 5P
Power Operational Amplifiers
logo
Pulse A Technitrol Comp...
PA0302NL PULSE-PA0302NL Datasheet
249Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
logo
AZ Displays
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSJ AZDISPLAYS-PA035XSJ Datasheet
820Kb / 26P
TECHNICAL SPECIFICATION
More results


Similar Description - PA03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com