Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA01HT Datasheet (PDF) - Microchip Technology

24AA01HT Datasheet PDF - Microchip Technology
Part # 24AA01HT
Download  24AA01HT Download
File Size   533.02 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM with Half-Array Write-Protect

24AA01HT Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA01HT Datasheet PDF - Microchip Technology

Part # 24AA01HT
Download  24AA01HT Click to download

File Size   533.02 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM with Half-Array Write-Protect

24AA01HT Datasheet (HTML) - Microchip Technology


24AA01HT Product details

Description:

The Microchip Technology Inc. 24AA01H/24LC01BH (24XX01H*) is a 1 Kbit Electrically Erasable PROM. The device is organized as one block of 128 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V with standby and active currents of only 1 μA and 1 mA, respectively. The 24XX01H also has a page write capability for up to 8 bytes of data. The 24XX01H is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3 TDFN and MSOP packages, and is also available in the 5-lead SOT-23 and SC-70 packages.



Features:

• Single Supply with Operation down to 1.7V for 24AA01H Devices, 2.5V for 24LC01BH Devices

• Low-Power CMOS Technology:

- Read current 1 mA, max.

- Standby current 1 μA, max. (I-temp)

• 2-Wire Serial Interface, I2C™ Compatible

• Schmitt Trigger Inputs for Noise Suppression

• Output Slope Control to Eliminate Ground Bounce

• 100 kHz and 400 kHz Compatibility

• Page Write Time 3 ms, typical

• Hardware Write-Protect for Half-Array (40h-7Fh)

• ESD Protection >4,000V

• More than 1 Million Erase/Write Cycles

• Data Retention >200 Years

• Factory Programmable Available

• Packages include 8-lead PDIP, SOIC, TSSOP, TDFN, MSOP, 5-lead SOT-23 and SC-70

• Pb-Free and RoHS Compliant

• Temperature Ranges:

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA01 MICROCHIP-24AA01 Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA01 MICROCHIP-24AA01 Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01 Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results


Similar Description - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com