Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA01HT Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA01HT
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA01HT Datasheet(HTML) 1 Page - Microchip Technology

  24AA01HT Datasheet HTML 1Page - Microchip Technology 24AA01HT Datasheet HTML 2Page - Microchip Technology 24AA01HT Datasheet HTML 3Page - Microchip Technology 24AA01HT Datasheet HTML 4Page - Microchip Technology 24AA01HT Datasheet HTML 5Page - Microchip Technology 24AA01HT Datasheet HTML 6Page - Microchip Technology 24AA01HT Datasheet HTML 7Page - Microchip Technology 24AA01HT Datasheet HTML 8Page - Microchip Technology 24AA01HT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22104A-page 1
24AA01H/24LC01BH
Device Selection Table
Features:
• Single Supply with Operation down to 1.7V for
24AA01H Devices, 2.5V for 24LC01BH Devices
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 1
μA, max. (I-temp)
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• Page Write Time 3 ms, typical
• Hardware Write-Protect for Half-Array (40h-7Fh)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programmable Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
TDFN, MSOP, 5-lead SOT-23 and SC-70
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA01H/24LC01BH
(24XX01H*) is a 1 Kbit Electrically Erasable PROM.
The device is organized as one block of 128 x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.7V with standby
and active currents of only 1
μA and 1 mA, respec-
tively. The 24XX01H also has a page write capability for
up to 8 bytes of data. The 24XX01H is available in the
standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3
TDFN and MSOP packages, and is also available in
the 5-lead SOT-23 and SC-70 packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA01H
1.7-5.5
400 kHz(1)
I
24LC01BH
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23/SC-70
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the 24XX01H
(no internal connections).
8
7
6
5
1
2
3
4
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
1K I2C™ Serial EEPROM with Half-Array Write-Protect


Similar Part No. - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA01 MICROCHIP-24AA01 Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA01 MICROCHIP-24AA01 Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01 Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24AA01HT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com