Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP105 Datasheet (PDF) - Toshiba Semiconductor

TLP105 Datasheet PDF - Toshiba Semiconductor
Part # TLP105
Download  TLP105 Download
File Size   270.58 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC

TLP105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP105 Datasheet PDF - Toshiba Semiconductor

Part # TLP105
Download  TLP105 Click to download

File Size   270.58 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC

TLP105 Datasheet (HTML) - Toshiba Semiconductor


TLP105 Product details

Isolated bus drivers
High-speed line receivers
Microprocessor system interfaces

The Toshiba TLP105 consists of an infrared emitting diode optically coupled to a high-gain, high-speed photodetector.
The TLP105 is housed in a 6-pin MFSOP.
With a totem-pole output, the TLP105 is capable of both sinking and sourcing current.
The TLP105 has an internal Faraday shield, which provides a guaranteed common-mode transient immunity of ±10 kV/μs.
The TLP105 has a noninverting output. An inverting-output version, the TLP108, is also available.

● Buffer logic type (totem-pole output)
● Guaranteed Performance Over Temperature: −40 to 100°C
● Power Supply Voltage: 4.5 to 20 V
● Input Threshold Current: IFLH =1.6 mA (max)
● Switching Time (tpLH/tpHL): 250 ns (max)
● Common mode transient immunity: ±10 kV/μs
● Isolation Voltage: 3750 Vrms
● UL-recognized: UL 1577, File No.E67349
● cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
● VDE-approved: EN 60747-5-5 (Note 1)
   Note 1 : When a VDE approved type is needed, please designate the Option(V4).




Similar Part No. - TLP105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
INFRARED LED PHOTO IC
More results


Similar Description - TLP105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com